Part Number Hot Search : 
PS9687L1 A1937 78407 TDA8120B 1N3044B 4A102 5N680K LLZ11C
Product Description
Full Text Search
 

To Download SC-B1420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SC-B1420 Series
LVCMOS SC-B1420 Series Rev Frequency Range: 1.0 MHz to 80.0 MHz
Description
The SC-B1420 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems. Supplying Pin 1 of the SC-B1420 units with a logic "1" or open enables its Pin 3 output. In the disable mode, Pin 3 presents a high impedance to the load.
Features Size, mm
5x7
I/O
4 pad
Supply Voltage
3.3V / 2.5V / 5V
* High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions * Low jitter - Wavecrest jitter characterization available * Wide frequency range--1.0 MHz to 80.0 MHz * User specified tolerance available * Will withstand vapor phase temperatures of 253C for 4 minutes maximum
* Space-saving alternative to discrete component oscillators * 2.5 Volt operation * High shock resistance, to 1000g * No internal PLL avoids cascading PLL problems * Metal lid electrically connected to ground to reduce EMI * Gold plated pads * RoHS Compliant, Lead Free Construction
Creating a Part Number SC - B142X - FREQ
Package Code SC 4 pad 5x7 mm SMD Input Voltage Code Specification A 3.3 V B 2.5 V 5V Tolerance/Performance 0 100 ppm 0-70C 1 50 ppm 0-70C 7 25 ppm 0-70C 9 Customer Specific A 20 ppm 0-70C B 50 ppm -40 to +85C C 100 ppm -40 to +85C
Drawing Specifications
Electrical Connection
Pin 1 2 3 4 Connection Enable/Disable Ground Output VDD
For the most up to date specifications on each NEL product, log on to our website-- www.nelfc.com
Dimensions shown in inches and millimeters. All tolerances are 0.005 inches (0.127mm) unless otherwise specified.
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone: 262-763-3591 Fax: 262-763-2881 Email: nelsales@nelfc.com www.nelfc.com
LVCMOS SC-B1420 Series Rev Frequency Range: 1.0 MHz to 80.0 MHz
Operating Conditions and Output Characteristics Electrical Characteristics Parameter Symbol
Frequency Duty Cycle Logic 0 Logic 1 Rise & Fall Time Jitter, RMS(2) Tpz Enable Voltage Disable Voltage Frequency Stability(1) -- -- VOL VOH tr, tf -- -- -- -- dF/F
Conditions
-- @ VDD/2 @ 600 A @ 600 A 10-90% VO -- -- -- -- Overall conditions including: voltage, calibration, temp., 10 yr aging, shock, vibration
Min
1.0 MHz 45/55% -- VDD -0.2 V -- -- -- 2.0 V -- -100 ppm
Typical
-- -- -- -- -- 3 psec -- -- -- --
Max
80.0 MHz 55/45% 0.2 V -- 8.0 ns -- 25 ns -- 0.8 V +100 ppm
General Characteristics Parameter Symbol
Supply Voltage(3) Supply Current Output Current Operating Temperature Storage Temperature Power Dissipation Lead Temperature Load Start-up Time VDD IDD IO TA TS PD TL -- tS
Conditions
2.5V5% No Load Low level Output Current -- -- -- Soldering, 10 sec. -- 20 MHz or greater Less than 20 MHz
Min
2.375 V 0.0 mA 0.0 mA 0C -55C -- -- -- -- --
Typical
2.5 V -- -- -- -- -- -- -- -- --
Max
2.625 V 40 mA 16.0 mA 70C 125C 105 mW 300C 15 pf 10 ms 2 ms
Environmental and Mechanical Characteristics
Mechanical Shock Thermal Shock Vibration Soldering Condition Hermetic Seal Per MIL-STD-202, Method 213, Condition E Per MIL-STD-833, Method 1011, Condition A 0.060" double amplitude 10 Hz to 55 Hz, 35g's 55 Hz to 2000 Hz 300C for 10 seconds Leak rate less than 1 x 10 -8 atm.cc/sec
Footnotes:
1) Standard frequency stability (20, 25, 50 ppm & others available). 2) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization. 3) External high frequency power supply decoupling required.


▲Up To Search▲   

 
Price & Availability of SC-B1420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X